Part Number Hot Search : 
2N6073B 54193 AD542KH 28F160 2SC4269 CXH16 CVA6627S KIA7924F
Product Description
Full Text Search
 

To Download IDT74ALVC162244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
FEATURES: DESCRIPTION:
IDT74ALVC162244
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in SSOP, TSSOP, and TVSOP packages
This 16-bit buffer/driver is built using advanced dual metal CMOS technology. The ALVC162244 is designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides true outputs and symmetrical active-low output-enable (OE) inputs. The ALVC162244 has series resistors in the device output structure which will significantly reduce line noise when used with light loads. This driver has been designed to drive 12mA at the designated threshold levels.
DRIVE FEATURES:
* Balanced Output Drivers: 12mA * Low switching noise
APPLICATIONS:
* 3.3V high speed systems * 3.3V and lower voltage computing systems
FUNCTIONAL BLOCK DIAGRAM
1O E 1 3O E 25
1A1
47
2
1Y1
3A1
36
13
3Y 1
1A2
46
3
1Y2
3A2
35
14
3Y2
1A3
44
5
1Y3
3A 3
33
16
3Y3
43 1A4
6
32 1Y4 3A 4
17
3Y4
2O E
48
4O E
24
2A 1
41
8
2Y1
4A1
30
19
4Y 1
2A2
40
9
2Y2
4A2
29
20
4Y2
2A 3
38
11
2Y3
4A3
27
22
4Y3
2A 4
37
12 2Y4
4A4
26
23 4Y4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
MARCH 1999
DSC-4560/1
IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OE 1Y1 1Y2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100
Unit V V C mA mA mA mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
2OE 1A1 1A2
VTERM(3) Terminal Voltage with Respect to GND TSTG IOUT IIK IOK ICC ISS
GND
1Y3 1Y4
GND
1A3 1A4
VCC
2Y1 2Y2
VCC
2A1 2A2
GND
2Y3 2Y4 3Y1 3Y2
GND
2A3 2A4 3A1 3A2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT COUT Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF
GND
3Y3 3Y4
GND
3A3 3A4
NOTE: 1. As applicable to the device type.
VCC
4Y1 4Y2
VCC
4A1 4A2
PIN DESCRIPTION
Pin Names xOE xA x xYx Data Inputs 3-State Outputs Description 3-State Output Enable Inputs (Active LOW)
GND
4Y3 4Y4 4OE
GND
4A3 4A4 3OE
FUNCTION TABLE (EACH 4-BIT BUFFER)(1)
SSOP/ TSSOP/ TVSOP TOP VIEW Inputs xOE L L H
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High-Impedance
Outputs xAx H L X xYx H L Z
2
IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V
Quiescent Power Supply Current Variation
--
--
750
A
NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient.
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.7V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 4mA IOH = - 6mA IOH = - 4mA IOH = - 8mA IOH = - 6mA IOH = - 12mA IOL = 0.1mA IOL = 4mA IOL = 6mA IOL = 4mA IOL = 8mA IOL = 6mA IOL = 12mA Min. VCC - 0.2 1.9 1.7 2.2 2 2.4 2 -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- 0.2 0.4 0.55 0.4 0.6 0.55 0.8 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
3
IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OPERATING CHARACTERISTICS, TA = 25C
VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical 16 4 VCC = 3.3V 0.3V Typical 19 5 Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V 0.2V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xAx to xYx Output Enable Time xOE to xYx Output Disable Time xOE to xYx Output Skew(2) 1 6.3 1 6.8 Min. 1 Max. 4.9 Min. VCC = 2.7V Max. 4.7 6.7 5.7 VCC = 3.3V 0.3V Min. 1 1 1 Max. 4.2 5.6 5.5 500 Unit ns ns ns ps
-- -- -- --
--
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
4
IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
V IH VT 0V V OH VT V OL VIH VT 0V
ALVC Link
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse Generator
(1, 2)
SAME PHASE INPUT TRA NSITION
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRA NSITION
tPHL
6 2.7 1.5 300 300 50
tPHL
Propagation Delay
ENA BLE CONTROL IN PUT tPZL
DIS ABLE
V IN D.U.T.
VOUT
VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH - V HZ 0V
ALVC Link
tPLZ VLOAD/2 VT tPHZ VT 0V
RT
500 CL
ALVC Link
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
OUTPUT SW ITCH NORMALLY CLO SED LOW tPZH OUTPUT SWITCH NORMA LLY O PEN HIGH
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
ALVC Link
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH INPUT VT 0V VOH OUTP UT 1 VT VOL VOH OUTPUT 2 tPLH2 tPHL2
ALVC Link
DATA INPUT TIMING INP UT A SYNCHRONOUS C ON TROL SYNCHRONOUS C ON TROL
tSU
tH
tREM
tSU
tH
Set-up, Hold, and Release Times
tPLH1
tPHL1
LOW -HIGH-LOW PULSE tW HIGH-LOW -H IGH PULSE
VT
tSK (x)
tSK (x)
VT
ALV C Link
VT VOL
Pulse Width
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
5
IDT74ALVC162244 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX ALVC X Bus-Hold XX Family XXX D evice Type XX Package Temp. R ange
PV PA PF 244 162
Shrink Small O utline Package (SO48-1) Thin Shrink Sm all O utline Package (SO48-2) Thin Very Small O utline Package (SO48-3) 16-Bit Buffer/Driver w ith 3-State Outputs D ouble-D ensity w ith R esistors, 12m A
Blank 74
N o Bus-Hold - 40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74ALVC162244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X